Part Number Hot Search : 
VAL1Z 78L09 MIC44 C34063 UPC811 M55342H BSP372N AMC393
Product Description
Full Text Search
 

To Download SML300HB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vce 600 v dc collector current tc=70c, tvj=175c tc=25c,tvj=175c i c , nom ic 300 400 a repetitive peak collector current tp=1msec,tc=80c i crm 600 a total power dissipation tc=25c p tot 1250 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 300 a repetitive peak forward current tp=1msec i frm 600 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c tvj=150c i 2 t 8400 7900 a 2 sec isolation voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation -trench gate igbts maximum rated values/ electrical properties SML300HB06 collector-emitter saturation voltage ic=300a,vge=15v, tc=25c ic=300a,vge=15v,tc=125c ic=300a,vge=15v,tc=150c v ce(sat) 1.45 1.6 1.7 1.9 v gate threshold voltage ic=4.8ma,vce=vge, tvj=25c vge (th) 4.9 5.8 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 19 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.57 nf collector emitter cut off current vce=600v,vge=0v,tvj=25c vce=600v,vge=0v,tvj=125c i ces 1 1 5 ma ma gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 na
turn on delay time ic=300a, vcc=300v vge=+/15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c vge=+/-15v,rg=2.4 ? ,tvj=150c t d,on 110 120 130 nsec nsec nsec rise time ic=300a, vcc=300v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c vge=+/-15v,rg=2.4 ? ,tvj=150c tr 50 60 60 nsec nsec nsec turn off delay time ic=300a, vcc=300v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c vge=+/-15v,rg=2.4 ? ,tvj=150c t d , off 490 520 530 nsec nsec nsec fall time ic=300a, vcc=300v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c vge=+/-15v,rg=2.4 ? ,tvj=150c t f 50 70 70 nsec nsec nsec turn on energy loss per pulse ic=300a,vce=300v,vge=+/-15v rge=2.4 ? ,l=30nh tvj=125c di/dt=6500a/sec tvj=150c e on 3.1 3.3 mj mj turn off energy loss per pulse ic=300a,vce=300v,vge=+/-15v rge=2.4 ? ,l=30nh tvj=125c di/dt=6500a/sec tvj=150c e off 15 15.5 mj mj sc data tp 10sec, vge 15v vcc=360v, tvj=25c vce (max)= vces-l di/dt tvj=150c i sc 2100 1500 a a stray module inductance l ce 40 nh terminal-chip resistance r c 1.2 m ? forward voltage ic=300a,vge=0v, tc=25c ic=300a,vge=0v, tc=125c ic=300a,vge=0v, tc=150c v f 1.55 1.5 1.45 1.95 v v v peak reverse recovery current if=300a, -di/dt=6500a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c vce=300v,vge=-15v,tvj=150c i rm 190 235 250 a a a recovered charge if=300a, -di/dt=6500a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c vce=300v,vge=-15v,tvj=150c qr 13 24 28 c c c reverse recovery energy if=300a, -di/dt=6500a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c vce=300v,vge=-15v,tvj=150c e rec 3.4 6.2 7.0 mj mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.12 0.16 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max



circuit diagram


▲Up To Search▲   

 
Price & Availability of SML300HB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X